Part Number Hot Search : 
TC144 M74VHC1G NC7NZU04 ASI10692 ASM706 17358A M1F43 813D0
Product Description
Full Text Search
 

To Download RTD2270L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  realtek RTD2270L/rtd2280l-cg RTD2270L/ rtd2280l flat panel display controller brief specification ordering information part vga max. resolution output pkg RTD2270L-cg yes (210mhz) 1680x1050@75hz lvds (170mhz) lqfp64 7x7 (green package) rtd2280l-cg yes (210mhz) 1920x1080@75hz lvds (186mhz) lqfp64 7x7 (green package) preliminary version 1.01 last updated: 2010/11/4 free datasheet http:///
realtek RTD2270L/rtd2280l-cg 2 ? features general ? embedded ddc with ddc1/2b/ci ? embedded one mcu with spi flash controller. ? require only one crystal to generate all timing. ? programmable internal low-voltage-reset (lvr) ? high resolution 6 channels pwm output, and wide range selectable pwm frequency. ? support input format up to fhd ? embedded bjt control circuit for 1.2v regulator replacement analog rgb input interface ? one analog input supported ? integrated 8-bit triple-channel 210mhz adc/pll(option) ? embedded programmable schmitt trigger of hsync ? support sync-on-green (sog) and various kinds of composite sync modes ? on-chip high-performance hybrid plls ? high resolution true 64 phase adc pll embedded mcu ? industrial standard 8051 core with external serial flash ? low speed adc for various application ? i2c master or slave hardware supported auto detection /auto calibration ? input format detection ? compatibility with standard vesa mode and support user-defined mode ? smart engine for phase/image position/color calibration scaling ? fully programmable zoom ratios ? independent horizontal/vertical scaling ? advanced zoom algorithm provides high image quality ? sharpness/smooth filter enhancement ? support non-linear scaling from 4:3 to 16:9 or 16:9 to 4:3 color processor ? true 10 bits color processing engine ? srgb compliance ? advanced dithering logic for 18-bit panel color depth enhancement ? brightness and contrast control ? programmable 10-bit gamma support ? peaking/coring function for video sharpness vividcolor tm ? independent color management (icm) ? dynamic contrast control (dcc) output interface ? fully programmable display timing generator ? flexible data pair swapping for easier system design. ? single or dual display interface supported up to 186mhz, fhd resolution ? lvds output interface ? support 8 bits lvds output ? spread-spectrum dpll to reduce emi ? fixed last line output for perfect panel capability embedded osd ? embedded 16.5k sram dynamically stores osd command and fonts ? support multi-color ram font, 1, 2 and 4-bit per pixel ? 64 color palette ? maximum 10 window with alpha-blending/ gradient / gradient target color / gradient reversed color/ dynamic fade-in/fade-out, bordering/ shadow/3d window type ? rotary 90,180,270 degree ? independent row shadowing/bordering ? programmable blinking effects for each character ? osd-made internal pattern generator for factory mode ? support 12x18~4x18 proportional font ? hardware decompression for osd font ? special function for closed-caption ? support 2 independent font base power & package ? 3.3v / 1.2v power supply ? 64 pin lqfp 7x7 package free datasheet http:///
realtek RTD2270L/rtd2280l-cg realtek confidential 3 ? pin diagram p 5 . 5 / p w m 5 / t c o n 9 / i 2 c _ m d l _ 2 b RTD2270L rtd2280l 15 14 11 10 9 8 7 5 4 3 2 1 3 2 3 1 3 0 2 9 2 3 2 2 2 1 2 0 1 9 1 8 1 7 35 36 37 38 39 40 41 42 43 44 45 46 47 48 4 9 5 0 5 1 5 2 5 9 6 0 6 1 6 2 6 3 6 4 34 33 13 12 2 4 2 6 2 7 2 8 6 5 3 5 4 5 5 5 6 5 7 5 8 16 2 5 xin xout agnd rext/ p1.3 adc_gnd adc_vdd33 b- b+ g- g+ sog0 r- r+ adc_gnd adc_ref hsync v s y n c d d c _ s d a / p 3 . 1 / t x d d c _ s c l / p 3 . 0 / r x s p i _ s d o / s c s b s p i _ c e s p i _ s c l / s d i o s p i _ s d i / s c l k p 3 . 6 / i 2 c _ m d a _ 1 p 3 . 7 / i 2 c _ m d l _ 1 p 5 . 1 / p w m 1 p 5 . 2 / p w m 2 d g n d d g n d d v d d 1 2 p 1 . 0 / t 2 p 5 . 0 / p w m 0 txo2+ txoc- txoc+ txo3- txo3+ txe0-/p8.7 txe0+/p8.6 txe1-/p8.5 txe1+/p8.4 txe2-/p8.3 txe2+/p8.2 txe3-/p8.1 txe3+/p8.0 p 1 . 1 / t 2 e x p 3 . 2 / i n t 0 / t c o n 7 / i 2 c _ m d a _ 2 b p 6 . 3 / a d c 3 / i 2 c _ m d a _ 2 a p 6 . 2 / a d c 2 / i 2 c _ m d l _ 2 a p 6 . 1 / a d c 1 p 6 . 0 / a d c 0 p 5 . 3 / p w m 3 / c l k o 1 p 3 . 3 / i n t 1 r s t d v d d 1 2 t x o 0 + t x o 0 - p v d d 3 3 l d o _ c t l p 5 . 4 / p w m 4 txo1- txo1+ txo2- free datasheet http:///
realtek RTD2270L/rtd2280l-cg realtek confidential 4 table of lqfp-64 pin assignment i:input, o:output, p:power, g:gnd pin no. name i/o/p/g description pwr off 5v tolerance pwr on 5v tolerance pwr on 3.3v tolerance note 1 xin i crystal input y 2 xout o crystal output y 3 agnd g - - - 4 rext/gpio i/o y y 5 adc_gnd g adc power - - - 6 adc_vdd33 p - - - 3.3v 7 bin1- i vga input signal y 8 bin1+ i y 9 gin1- i y 10 gin1+ i y 11 sog0 i y 12 rin1- i y 13 rin1+ i y 14 adc_gnd g - - - 15 adc_ref p "%$@3fgfsfodf1pxfs - - - 1.2v 16 hsync i y y adjustable schmitt trigger 17 vsync i y y general schmitt trigger 18 ddc_sda/gpio/tx i/o ddc sda/mcu gpio/tx y y 19 ddc_scl/gpio/rx i/o ddc scl/mcu gpio/ rx y y 20 gpio/pwm0 i/o mcu gpio/ pwm output y y 21 spi_sdo/ scsb o spi flash serial data output/ host interface_scsb y 22 spi_ce o spi flash chip enable note: pol pin, 1:internal mcu, 0:ext. mcu y 23 spi_scl/ sdio o spi flash clk/ host interface_sdio y free datasheet http:///
realtek RTD2270L/rtd2280l-cg realtek confidential 5 24 spi_sdi/ sclk i spi flash serial data input/ host interface_sclk y 25 gpio/i2c_mda_1 i/o mcu gpio/ i2c master y y 26 gpio/i2c_mdl_1 i/o mcu gpio/ i2c master y y 27 gpio/pwm1 i/o mcu gpio/pwm output y y 28 gpio/pwm2 i/o mcu gpio/pwm output y y 29 gpio/t2 i/o mcu gpio/ t2 y y - 30 dvdd12 p digital power - - - 1.2v 31 dgnd g dgnd - - - 32 dgnd g dgnd - - - 33 t 9& (1*0 o lvds output .$6(1*0 n n y 34 t 9&(1*0 o n n y 35 59& (1*0 o n n y 36 59&(1*0 o n n y 37 59& (1*0 o n n y 38 59&(1*0 o n n y 39 59& (1*0 o n n y 40 59&(1*0 o n n y 41 txo3+ o lvds output y 42 txo3- o y 43 txoc+ o y 44 txoc- o y 45 txo2+ o y 46 txo2- o y 47 txo1+ o y 48 txo1- o y 49 txo0+ o y 50 txo0- o y 51 pvdd33 p analog power (for lvds & i/o) - - - 3.3v 52 ldo_ctl o regular control (3.3->1.2) y 53 dvdd12 p digital power - - - 1.2v 54 rst i chip reset y high active 55 gpio/int1 i/o mcu gpio/int1 y y free datasheet http:///
realtek RTD2270L/rtd2280l-cg realtek confidential 6 56 (1*018.$-,0 i/o mcu gpio/pwm output/ clk output y y 57 (1*0"%$ i/o mcu gpio/ adc input y y 58 (1*0"%$ i/o mcu gpio/ adc input y y 59 (1*0"%$ *$@.%-@" i/o mcu gpio/ adc input/i2c y y 60 (1*0"%$ *$@.%"@" i/o mcu gpio/ adc input/i2c y y 61 (1*018. i/o mcu gpio/ pwm output y y 62 gpio/pwm5/tcon9/ i2c_mdl_2b i/o mcu gpio/ pwm output/ tcon/ i2c y y 63 gpio/int0/tcon7/ i2c_mda_2b i/o mcu gpio/int0/tcon/ i2c y y 64 gpio/t2ex i/o mcu gpio y y free datasheet http:///
realtek RTD2270L/rtd2280l-cg realtek confidential 7 ? electric specification dc characteristics table 1 absolute maximum ratings parameter symbol min typ max units voltage on input (5v tolerant) v in -1 5 v supply voltage pvcc 3.0 3.3 3.6 v supply voltage vcck 1.08 1.2 1.32 v electrostatic discharge v esd 2.5 kv latch-up i la 100 ma ambient operating temperature t a 0 70 oc storage temperature (plastic) t stg -55 125 oc thermal resistance (junction to air) ja tbd oc/w junction acceptable temperature t j 125 oc free datasheet http:///
realtek RTD2270L/rtd2280l-cg realtek confidential 8 ? mechanical specification 64 pin package low profile plastic quad flat package 64 leads 7x7mm 2 outline free datasheet http:///


▲Up To Search▲   

 
Price & Availability of RTD2270L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X